PART |
Description |
Maker |
STPS60L45CW STPS60L45C |
LOW DROP POWER SCHOTTKY RECTIFIER Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode
|
ST Microelectronics STMicroelectronics
|
BYT230PIV1000 BYT231PIV1000 |
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible Ultra low drop-low noise BiCMOS 300 mA volt. reg. for use with very low ESR output capacitor 与独立二极管组成的阵列|的SOT - 227B
|
STMicroelectronics N.V.
|
STPS10L45CT STPS10L45CG-TR STPS10L45CG STPS10L45CF |
From old datasheet system LOW DROP POWER SCHOTTKY RECTIFIER Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
LD2982AM27R LD2982AM18R LD2982AXX LD2982AXX18 LD29 |
Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
|
STMicroelectronics
|
LB1837M LB1837 |
Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver Low-voltage/Low-saturation双向恒压调控电动机驱动器
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
LDO59 |
IP Library: Ultra Low Noise, High PSRR, Low Power, 20mA Low Dropout Voltage Regulator
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
LDS3985M135R LDS3985PM15R LDS3985PM49R LDS3985PM48 |
Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
|
STMicroelectronics
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MKP1839 |
C-values 1000 pF - 10 μF, Voltage 160 - 630 VDC, Tolerances to 1%, Low losses, Low dielectric absorption, Low profile, AXIAL
|
Vishay
|
NCP707 |
200 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
|
ON Semiconductor
|